PART |
Description |
Maker |
CY7C199 CY7C199-10VC CY7C199-10VI CY7C199-10ZC CY7 |
32K x 8 Static RAM ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, PDSO28 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, CQCC28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 15 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, CQCC28 32K x 8 Static RAM 32K的8静态RAM
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
W24256 W24256-70 W24256-70L W24256-70LL W24256Q-70 |
32K X 8 CMOS STATIC RAM From old datasheet system BOX 3.05X1.51X1.05 W/2 BTNS GRY 32K X 8 STANDARD SRAM, 70 ns, PDSO28 32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
http:// WINBOND[Winbond] Winbond Electronics, Corp.
|
UPD424800G5-10-7JD UPD424800G5-10-7KD UPD424800V-8 |
256K (32K x 8) Static RAM 8K x 8 Static RAM RoboClock® High-speed Multi-phase PLL Clock Buffer x8 Fast Page Mode DRAM x8快速页面模式的DRAM
|
NEC TOKIN, Corp.
|
IDT70V9079L15PF IDT70V9079L15PFI IDT70V9089L15PF I |
32K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 Small Signal Diode; Package: DO-35; No of Pins: 2; Container: Bulk 64K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through
|
SRAM Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C007A 7C017A |
32K/16K x 8, 32K x 9Dual-Port Static RAM From old datasheet system
|
Cypress
|
IDT71008S12Y IDT71008S20PH |
cmos static ram 32K*16-BIT 32K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Device Technology, Inc.
|
CYM1720 |
32K x 24 Static RAM Module(32K x24 静态RAM模块) 32K的24静态RAM模块2K的x24静态内存模块)
|
Cypress Semiconductor Corp.
|
CY7C057V-15AC CY7C057 CY7C057V-15AI CY7C057V CY7C0 |
3.3V 16K/32K x 36 FLEx36(TM) Asynchronous Dual-Port Static RAM SRAM,32KX36,CMOS,QFP,144PIN,PLASTIC From old datasheet system 3.3V 16K/32K X 36 FLEX36 ASYNCHRONOUS DUAL-PORT STATIC RAM
|
Cypress Semiconductor Corp CYPRESS[Cypress Semiconductor]
|
CY7C1020B-15ZXC |
32K x 16 Static RAM 32K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor, Corp.
|